PART |
Description |
Maker |
DE150-201N09-00 DE375-501N21-00 DE275-102N05-00 DE |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 200V V(BR)DSS | 9A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 21A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 5A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直| 5A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 35A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 35A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 4.5A I(D)
|
TE Connectivity, Ltd. Glenair, Inc.
|
QCA200BA60 |
TRANSISTOR MODULE From old datasheet system Transistors Module
|
SANREX[SanRex Corporation]
|
MP4305 |
Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
FM2G75US60 |
TRANSISTOR | IGBT POWER MODULE | HALF BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块|半桥| 600V的五(巴西)国际消费电子展| 75A条一(c Molding Type Module
|
Sharp, Corp. FAIRCHILD[Fairchild Semiconductor]
|
1792D-16BT0LP 1792D-4B0LP 1792D-2B2LP 1792D-4BT4LP |
MODULE 16 OUT MODULE 4 IN 模块4中的 MODULE 4 IN/4 OUT 模块4输入/ 4输出 MODULE 16 IN 模块16 MODULE 2 IN/2 OUT 模块2输入/ 2输出
|
NXP Semiconductors N.V. Stackpole Electronics, Inc.
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
PMEM1505PG PMEM1505PG115 |
PNP transistor/Schottky rectifier module; Package: SOT353 (UMT5); Container: Tape reel smd 500 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
SQD300BA60 |
TRANSISTOR MODULE
|
List of Unclassifed Manufacturers ETC[ETC]
|
KE721K03HB |
Transistor Module
|
Powerex
|
|